Part Number Hot Search : 
2N7002 AN179 CXX0G AT25F SSD25 54240 C2412 HA1315
Product Description
Full Text Search
 

To Download TC8-13S2425R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TC8-R Series
2:1 Input, 12.5 to 20 Watt
MODEL NUMBER OUTPUT VOLTAGE 2.5 VDC 3.3 VDC 5 VDC OUTPUT CURRENT 5A 5A 4A OUTPUT POWER 12.5W 16.5W 20W 18-36 VDC IN TC8-13S242.5R TC8-17S243.3R TC8-20S2405R 36-72 VDC IN TC8-13S482.5R TC8-17S483.3R TC8-20S4805R Other input/output combinations available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 18-36V Input..................................24 VDC 36-72V Input.................................48 VDC Input Filter............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy.............................................1%, Max. Line Regulation, HL-LL..................................0.2%, Max. Load Regulation, FL-25%FL..........................1.0%, Max. Ripple and Noise, 20MHz BW..................75mVp-p, Max. Minumum Load.........................................................10% Short Circuit Protection..................................Continuous Current Limit Threshold...................................110-140% Output Adjustment Range...................................... 10% GENERAL SPECIFICATIONS Efficiency........................................................81% - 86% Isolation Voltage, Input to Output...............500 VDC, Min. Switching Frequency...................................500 kHz, Min. Operating Temperature Range................-25C to +71C Storage Temperature Range.................-40C to +100C Case Temperature.....................................+100C, Max. Cooling.............................................Free Air Convection EMI/RFI...............................Six-Sided Continuous Shield Case Material..........................Black Coated Copper with Non-Conductive Base
REMOTE ON/OFF CONTROL Logic Compatibility Ec-ON Ec-OFF Control Common CMOS or Open Collector TTL >+5.5 VDC or Open Circuit <1.8 VDC Referenced to Input Minus PIN CONNECTIONS PIN 1 2 3 4 5 6 7 8 9 FUNCTION Remote On/Off No Pin -Vin +Vin Trim No Pin -Vout No Pin +Vout
1.80 (45.7) 0.20 (5.1) 0.20 (5.1) 1.00 0.20 (5.1) (25.4) 0.20 (5.1) 0.20 (5.1)
*4 *3 *2 *1
9 8
BOTTOM VIEW
7 6 5
* * * * *
0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.10 (2.54)
2.00 (50.8) 0.40 (10.2) 0.22 (5.6) MIN.
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
01/2008
Tumbler Technologies + TRUMPower * Santa Clara,CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TC8-13S2425R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X